PART |
Description |
Maker |
AN77L00 AN77L00M AN77L03 AN77L035 AN77L035M AN77L0 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, Cell with body o-ring, 10 Vdc excitation 5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PSSO3 3-pin Low Power Loss Voltage Regulato r(100mA Type) Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, flush mount with flange, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/4-18 NPT, 10 Vdc excitation Series 3-Pin Low Power Loss Voltage Regulator Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/4-18 NPT, 10 Vdc excitation 3-pin Low Power Loss Voltage Regulato (100mA Type)
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
SC4041ASK SC4041DS SC4041CZ SC4041EZ SC4041 SC4041 |
PRECISION SHUNT VOLTAGE REFERENCE Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 300 psi, Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 300 psi, Gage, 1/4-18 NPT, 10 Vdc excitation 精密并联型电压基
|
SEMTECH[Semtech Corporation] Semtech, Corp.
|
SC4040ES SC4040ESK SC4040EZ SC4040DZ SC4040 SC4040 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 300 psi, Absolute, flush mount, 10 Vdc excitation 精密并联型电压基 PRECISION SHUNT VOLTAGE REFERENCE
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
5962-9559201MEA AD677-EB AD677 AD677KD AD677JD AD6 |
16-Bit 100 kSPS Sampling ADC 16-Bit, Serial, 100 kSPS Sampling ADC. Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 10 psi, Gage, 1/4 BSPP, 10 Vdc excitation
|
Analog Devices, Inc.
|
MPXH6250A12 MPXHZ6250A6T1 MPXHZ6250A6U MPXHZ6250AC |
High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
MPXV6115V12 |
High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned
|
Freescale Semiconductor, Inc
|
MPX2301DT1 MPX2300DT1 |
MPX2300DT1 Chip Pak High Volume Pressure Sensor for Disposable, Backside Pressure Applications High Volume Pressure Sensor For Disposable Applications
|
Motorola
|
IPSLU-GP008-5 |
Low Range Industrial Pressure Sensor
|
Cynergy3 Co
|
MP3H6115AC6U MP3H6115AC6T1 MP3H6115A6T1 MP3H6115A6 |
High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure On-Chip Signal Conditioned, Temperature Compensat
|
FREESCALE[Freescale Semiconductor, Inc]
|
AK2 AKR0.025C20 AKR2.500C80 AKR2.500D80 AKR25.00C8 |
Pressure sensors AK2 series Pressure sensors Gauge pressure transducers
|
EPCOS
|
|